PART |
Description |
Maker |
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BLM18SG331TN1D BLM18SG700TN1B |
Chip EMIFILr Inductor Type Chip Ferrite Beads BLM18S Series (0603 Size) 1 FUNCTIONS, 1.5 A, FERRITE CHIP 1 FUNCTIONS, 4 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
BLM41AF800SN1 |
INDUCTOR FERRITE BD, SM 80 OHM 1 FUNCTIONS, 0.5 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd.
|
FB43-226-RC FB43-110-RC FB43-422-RC FB73-422-RC FB |
Ferrite Bead Inductor; Ferrite Grade:43; Cable Diameter Max:0.06"; Features:Excellent EMI suppression capability at high frequency; Frequency Max:200MHz; Frequency Min:40MHz; Leaded Process Compatible:Yes; Series:FC FB 1 FUNCTIONS, FERRITE BEAD
|
Bourns Electronic Solutions Bourns, Inc.
|
SHU-1M2012-800 SHU-1M2012-600 SHU-1M2012-400 SHU-1 |
1 FUNCTIONS, 4.8 A, FERRITE CHIP Multilayer Chip Ferrite Beads
|
Sumida Corporation
|
HF30ACB201209-B HF30ACB322513-B |
1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.4 A, FERRITE CHIP
|
|
CB3216GA331N4E CB3216GK221N4E |
4 FUNCTIONS, 0.1 A, FERRITE CHIP 4 FUNCTIONS, 0.25 A, FERRITE CHIP
|
SAMWHA CAPACITOR GROUP
|
|